Part Number Hot Search : 
RGC20DH AMPHENOL AM29DL32 CCLHM100 M6242 1755493 ADM3491 SUR499H
Product Description
Full Text Search
 

To Download IL55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Vishay Semiconductors
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Single Channel
FEATURES
* 125 mA load current rating
A C NC 1 2 3 6B 5C 4E
* Fast rise time, 10 s * Fast fall time, 35 s * Single, dual and quad channel * Solid state reliability * Standard DIP packages * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Dual Channel
A1 C2 C3 A4
8E 7C 6C 5E
AGENCY APPROVALS
Quad Channel
A1 C2 C3 A A C C A
i179011
16 E 15 C 14 C 13 E 12 E 11 C 10 C 9E
* UL1577, file no. E52744 system code H or J, double protection * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1 * BSI IEC 60950 IEC 60065 * FIMKO
4 5 6 7 8
DESCRIPTION
The IL30/IL31/IL55 single, ILD30/ILD31/ILD55 dual, and ILQ30/ILQ31/ILQ55 quad are optically coupled isolators with gallium arsenide infrared emitters and silicon photodarlington sensors. Switching can be achieved while maintaining a high degree of isolation between driving and load circuits, with no crosstalk between channels. These optocouplers can be used to replace reed and mercury relays with advantages of long life, high speed switching and elimination of magnetic fields. The IL30/IL31/IL55 are equivalent to MCA230/MCA231/ MCA255. The ILD30/ILD31/ILD55 are designed to reduce board space requirements in high density applications.
ORDER INFORMATION
PART IL30 IL31 IL55 ILD30 ILD31 ILD55 ILQ30 ILQ31 ILQ55 IL55-X009 ILD30-X009 ILD31-X007 ILD31-X009 Document Number: 83621 Rev. 1.6, 14-Dec-07 REMARKS CTR > 100 %, single channel DIP-6 CTR > 200 %, single channel DIP-6 CTR > 100 %, single channel DIP-6 CTR > 100 %, dual channel DIP-8 CTR > 200 %, dual channel DIP-8 CTR > 100 %, dual channel DIP-8 CTR > 100 %, quad channel DIP-16 CTR > 200 %, quad channel DIP-16 CTR > 100 %, quad channel DIP-16 CTR > 100 %, single channel SMD-6 (option 9) CTR > 100 %, dual channel SMD-8 (option 9) CTR > 200 %, dual channel SMD-8 (option 7) CTR > 200 %, dual channel SMD-8 (option 9) For technical questions, contact: optocoupler.answers@vishay.com www.vishay.com 1
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Vishay Semiconductors
ORDER INFORMATION
PART ILD55-X007 ILD55-X009 ILQ30-X009 ILQ55-X007 ILQ55-X009 REMARKS CTR > 100 %, dual channel SMD-8 (option 7) CTR > 100 %, dual channel SMD-8 (option 9) CTR > 100 %, quad channel SMD-16 (option 9) CTR > 100 %, quad channel SMD-16 (option 7) CTR > 100 %, quad channel SMD-16 (option 9)
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Note For additional information on the available options refer to option information.
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Peak reverse voltage Forward continuous current Power dissipation Derate linearly from 25 C OUTPUT IL30 ILD30 ILQ30 IL55 ILD55 ILD55 VRM IF Pdiss 3.0 60 100 1.33 30 30 30 55 55 55 125 150 2.0 250 250 250 400 400 400 500 500 500 3.3 3.3 3.3 5.33 5.33 5.33 6.67 6.67 6.67 5300 7.0 7.0 CTI Tstg 175 - 55 to + 125 V mA mW mW/C V V V V V V mA mW mW/C mW mW mW mW mW mW mW mW mW mW/C mW/C mW/C mW/C mW/C mW/C mW/C mW/C mW/C VRMS mm mm C TEST CONDITION PART SYMBOL VALUE UNIT
Collector emitter breakdown voltage
Collector (load) current Power dissipation Derate linearly from 25 C COUPLER IL30 IL31 IL55 ILD30 ILD31 ILD55 ILQ30 ILQ31 ILQ55 IL30 IL31 IL55 ILD30 ILD31 ILD55 ILQ30 ILQ31 ILQ55
BVCEO BVCEO BVCEO BVCEO BVCEO BVCEO IC Pdiss
Total package power dissipation
Ptot Ptot Ptot Ptot Ptot Ptot Ptot Ptot Ptot
Derate linearly from 25 C
Isolation test voltage Creepage distance Clearance distance Comparative tracking index Storage temperature
VISO
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83621 Rev. 1.6, 14-Dec-07
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Operating temperature Lead soldering time at 260 C Tamb - 55 to + 100 10 C s TEST CONDITION PART SYMBOL VALUE UNIT
Vishay Semiconductors
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse current Capacitance OUTPUT Collector emitter breakdown voltage Collector emitter leakage current Collector emitter capacitance COUPLER Collector emitter saturation voltage Isolation test voltage Isolation resistance Capacitance (input to output) RIO CIO IC = 50 mA, IF = 50 mA VCEsat 5300 1012 0.5 0.9 1.0 V VRMS pF IC = 100 A VCE = 10 V, IF = 0 A VCE = 10 V, f = 1.0 MHz BVCEO ICEO CCE 30/55 1.0 3.4 100 V nA pF IF = 20 mA VR = 3.0 V VR = 0 V VF IR CO 1.25 0.1 25 1.5 10 V A pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER TEST CONDITION PART IL30 IL55 ILD30 ILD55 Current transfer ratio IF = 10 mA, VCE = 5.0 V ILQ30 ILQ55 IL31 ILD31 ILQ31 SYMBOL CTR CTR CTR CTR CTR CTR CTR CTR CTR MIN. 100 100 100 100 100 100 200 200 200 TYP. 400 400 400 400 400 400 400 400 400 MAX. UNIT % % % % % % % % %
SWITCHING CHARACTERISTICS
PARAMETER Rise time Fall time TEST CONDITION VCC = 13.5 V, IF = 50 mA, RL = 100 VCC = 13.5 V, IF = 50 mA, RL = 100 SYMBOL tr tf MIN. TYP. 10 35 MAX. UNIT s s
Document Number: 83621 Rev. 1.6, 14-Dec-07
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
1.4 10 Tamb = - 55 C 1.2 1.1 1.0 0.9 Tamb = 85 C 0.8 0.7 0.1
iil30_01
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
VF - Forward Voltage (V)
NIcb - Normalized (Icb)
1.3
1
Normalized to: Vcb = 3.5 V IF = 10 mA
Tamb = 25 C
0.1
0.01
1
10
100
0.001 0.1
iil30_04
1
10
100
IF - Forward Current (mA)
IF - LED Current (mA)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 4 - Normalized Collector Base Photocurrent vs. LED Current
1.2
12000 Normalized to: VCE = 5 V IF = 10 mA 10000 hFE - Current Gain 8000 VCE = 1 V 6000 4000 2000 VCE = 1 V 0 0.01
iil30_05
VCE = 5 V
NCTRce - Normalized CTRce
1.0 0.8 0.6
VCE = 5 V 0.4 0.2 0.0 0.1
1
10
100
1000
0.1
1 Base Current
10
100
iil30_02
IF - LED Current (mA)
Fig. 2 - Normalized Non-Saturated and Saturated CTRCE vs. LED Current
Fig. 5 - hFE Current Gain vs. Base Current
10
tpLH - Low/High Propagation Delay (s)
NIce - Normalized Ice
1
Normalized to: IF = 10 mA VCE = 5 V
80 VCE = 5 V VCC = 5 V Vth = 1.5 V 60 1.0 k
VCE = 1 V 0.1
40
220 470
0.01
20 100 0 0 5 10 15 20
0.001 0.1
iil30_03
1
10
100
iil30_06
IF - LED Current (mA)
IF - LED Current (mA)
Fig. 3 - Normalized Non-Saturated and Saturated Collector Emitter Current vs. LED Current www.vishay.com 4
Fig. 6 - Low to High Propagation Delay vs. Collector Load Resistance and LED Current Document Number: 83621 Rev. 1.6, 14-Dec-07
For technical questions, contact: optocoupler.answers@vishay.com
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Vishay Semiconductors
20
tpHL - High/Low Propagation delay - s
15
1 k
VCC = 5 V Vth = 1.5 V
10 100
5
0 0
iil30_07
5
10
15
20
IF - LED Current (mA)
Fig. 7 - High to Low Propagation Delay vs. Collector Load Resistance and LED Current
IF
VO
tD tR t PLH V TH = 1.5 V t PHL tS tF
iil30_08
Fig. 8 - Switching Waveform
VCC = 13.5 V
F = 10 kHz, DF = 50 %
RL VO
IF = 50 m A
iil30_09
Fig. 9 - Switching Schematic
Document Number: 83621 Rev. 1.6, 14-Dec-07
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 5
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Vishay Semiconductors
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
PACKAGE DIMENSIONS in inches (millimeters)
3
2
1
Pin one ID
0.248 (6.30) 0.256 (6.50)
4
5
6
ISO method A
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (0.45) 0.300 (7.62) typ.
0.022 (0.55) 0.130 (3.30) 0.150 (3.81)
4 typ. 0.031 (0.80) min. 0.031 (0.80) 0.018 (0.45) 0.022 (0.55) 0.100 (2.54) typ.
i178004
18 0.114 (2.90) 0.130 (3.0) 3 to 9 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81)
0.035 (0.90)
Pin one ID 4 0.255 (6.48) 0.268 (6.81) 5 6 7 8 ISO method A 3 2 1
0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.130 (3.30) 0.150 (3.81) 0.050 (1.27) 0.020 (0.51) 0.018 (0.46) 0.022 (0.56) i178006 0.035 (0.89) 0.100 (2.54) typ. 10 3 to 9 0.008 (0.20) 0.012 (0.30) 0.230 (5.84) 0.110 (2.79) 0.130 (3.30) 0.250 (6.35) 0.031 (0.79) 0.300 (7.62) typ.
www.vishay.com 6
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83621 Rev. 1.6, 14-Dec-07
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
PACKAGE DIMENSIONS in inches (millimeters)
Vishay Semiconductors
Pin one ID 8 7 6 5 4 3 2 1 0.255 (6.48) 0.265 (6.81) 9 10 11 12 13 14 15 16 ISO method A
0.779 (19.77) 0.790 (20.07) 0.030 (0.76) 0.045 (1.14) 0.300 (7.62) typ. 0.130 (3.30) 0.150 (3.81) 4 0.018 (0.46) 0.022 (0.56) 10 typ. 3 to 9 0.008 (0.20) 0.012 (0.30)
0.031 (0.79)
0.110 (2.79) 0.130 (3.30)
0.020 (0.51) 0.035 (0.89) 0.100 (2.54) typ. 0.050 (1.27)
0.230 (5.84) 0.250 (6.35)
i178007
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03) 0.300 (7.62) ref.
0.028 (0.7) min.
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min. 0.331 (8.4) min. 0.406 (10.3) max.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51) 0.040 (1.02) 0.315 (8.00) min.
0.012 (0.30) typ.
15 max.
18494
Document Number: 83621 Rev. 1.6, 14-Dec-07
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 7
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Vishay Semiconductors
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 8
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83621 Rev. 1.6, 14-Dec-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IL55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X